PART |
Description |
Maker |
DAC-8841 DAC-8841FP |
8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
|
Analog Devices
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AD8801 AD8803 AD8801AN AD8801AR AD8803AR AD8803AN |
Octal 8-Bit TrimDAC with Power Shutdown OCTAL, SERIAL INPUT LOADING, 0.6 us SETTLING TIME, 8-BIT DAC, PDSO16 Octal 8-Bit TrimDAC with Power Shutdown & Mid-Scale Preset
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BTB16-600CW3G BTB16-800CW3G |
600V 16 A, 35mA Igt 3 Quadrant Triac 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 800V 16 A, 35mA Igt 3 Quadrant Triac 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
ON Semiconductor
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AD7228ACNZ |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP24
|
Intersil, Corp.
|
AD5628BRUZ-1 AD5628BRUZ-2 AD5648BRUZ-2REEL7 |
Octal, 12-14-16 Bit Dac with 10ppm/∑C Max On-Chip Reference in 14-Lead TSSOP SERIAL INPUT LOADING, 2.5 us SETTLING TIME, 12-BIT DAC, PDSO14 Octal, 12-14-16 Bit Dac with 10ppm/?? Max On-Chip Reference in 14-Lead TSSOP Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BTA202X-800D BTA202X-800E BTA202X-600D BTA202X-600 |
2 A Three-quadrant triacs high commutation - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 2.0 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 2 A Three-quadrant high commutation triac
|
NXP Semiconductors N.V.
|
LTC1597BCGPBF LTC1597-1BCGTRPBF |
16-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors
|
Linear Technology
|
MAX521ACAG |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs OCTAL, SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24
|
Maxim Integrated Products, Inc.
|
BTA212-600B BTA212B-500C BTA212B-600B BTA212B-600C |
Transient Voltage Suppressor Diodes Three quadrant triacs high commutation(三象限双向高换向可控 Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
N74F760D N74F760N N74F757AN 74F756 74F757 74F760 N |
From old datasheet system 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 16-Bit Ultra-Low-Power MCU, 24kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-VQFN -40 to 85 Octal inverter buffer open-collector 74F756; 74F757; 74F760; Octal inverter buffer (open-collector); Octal buffer (open-collector); Octal buffer (open-collector)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|